Part Number Hot Search : 
KBPC2501 LTC1415C NTR4502P 74AC10SC MCZ3397 25RFL39 TT2218LS APX9131A
Product Description
Full Text Search
 

To Download QL202ID Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 T-100 (3mm)
SOLID STATE INDICATOR LAMPS
RED DIFFUSED HER DIFFUSED YELLOW DIFFUSED GREEN DIFFUSED QL202HD QL202ID QL202YD QL202GD RED CLEAR HER CLEAR YELLOW CLEAR GREEN CLEAR
FEATURES
* Popular T-100 package * Choice of viewing angles * Choice of tinted or tinted diffused lens
QL202HT QL202IT QL202YT QL202GT
PACKAGE DIMENSIONS
.118 (3.0) .039 (1.0) .208 (5.2)
DESCRIPTION
.984 (25.0) MIN
These T-100 LEDs are used as general purpose indicators. They come in either a wide angle (70) diffused lens or a moderate angle (32) clear lens. The red and green lamps are made with GaP LEDs on a GaP substrate. The HER and yellow lamps are made with GaAsP LEDs on a GaP substrate. All have an epoxy encapsulation lens.
ANODE
.100 (2.54)
.039 (1.0) MIN
NOTES:
FLAT DENOTES CATHODE .149 (3.8) .023 (0.58) .017 (0.43) SQ TYP. (2X)
1. Dimensions for all drawings are in inches (mm). 2. Lead spacing is measured where the leads emerge from the package. 3. Protruded resin under the flange is 1.5 mm (0.059") max. 4. Tolerance is +/-0.12" (0.3mm) unless otherwise noted.
2001 Fairchild Semiconductor Corporation DS300303 11/27/01
1 OF 4
www.fairchildsemi.com
T-100 (3mm)
SOLID STATE INDICATOR LAMPS
ABSOLUTE MAXIMUM RATING
Parameter Power Dissipation Peak Forward Current (at f = 1.0 KHz, Duty factor = 1/10) Reversed Voltage Continuous DC Forward Current Lead Soldering Time at 260 C Operating Temperature Storage Temperature (TA =25C) Symbol PD IFM VR IF TSOL TOPR TSTG Red 100 50 5 15 5 Her 100 100 5 20 5 Green 100 100 5 20 5 Yellow 100 100 5 20 5 Units mA mA V mA sec C C
-40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 -40 to +100 (TA =25C) QL202HD 0.5 1.6 QL202ID 1.1 6.0 1.7 2.0 45 635 70 QL202GD 1.1 6.0 1.7 2.1 30 565 70 QL202YD 1.1 4.5
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Typical Maximum Spectral Line Half Width (nm) Peak Wavelength (nm) Viewing Angle (Total) () p 2 1/2 VF IV Symbol
Condition IF = 10mA
IF = 10mA 1.7 2.1 90 697 70 (TA =25C) QL202HT 2.5 10.0 VF p 2 1/2 1.7 2.1 90 697 32 QL202IT 3.5 17.0 1.7 2.0 45 635 32 QL202GT 3.0 15.0 1.7 2.1 30 565 32 QL202YT 3.5 15.0 IF = 10mA 1.7 2.0 35 585 32 IF = 10mA IF = 10mA IF = 10mA Condition IF = 10mA IV 1.7 2.0 35 585 70 IF = 10mA IF = 10mA IF = 10mA
ELECTRICAL / OPTICAL CHARACTERISTICS
Part Number Luminous Intensity (mcd) Minimum Typical Forward Voltage (V) Typical Maximum Spectral Line Half Width (nm) Peak Wavelength (nm) Viewing Angle (Total) () Symbol
1. The leads of the device were immersed in molten solder at 260C, to a point 1/16 inch (1.6 mm) from the body of the device per MIL-S-750, with a dwell time of 5 seconds.
www.fairchildsemi.com
2 OF 4
11/27/01 DS300303
T-100 (3mm)
SOLID STATE INDICATOR LAMPS
TYPICAL PERFORMANCE CURVES
Fig. 1 Forward Current vs. Forward Voltage
100 YELLOW 90
(TA =25C)
Fig. 2 Luminous Intensity vs. Forward Current
40
IF - FORWARD CURRENT (mA)
RED
LUMNOUS INTENSITY
80 70 60 50 40 30 20 10
HER
30
20
GREEN
10
0 0 1 2 3 4 0 20 40 60 80
VF - FORWARD VOLTAGE (V)
IF - FORWARD CURRENT (mA)
Fig. 3 Spatial Distribution
-20 -30 -40 -50 QL202XT -60 -70 -80 -90 100 60 70 80 90 -10 0 10 20 30 40 QL202XD 50
80
60
40
20
0
20
40
60
80
100
REL. LUMINOUS INTENSITY (%)
Fig. 4 Relative Intensity vs. Peak Wavelength
120 GREEN YELLOW HER RED
RELATIVE INTENSITY (%)
100
80
60
40
20
0 520
540
560
580
600
620
640
660
680
710
730
750
- WAVELENGTH (nm)
DS300303
11/27/01
3 OF 4
www.fairchildsemi.com
T-100 (3mm)
SOLID STATE INDICATOR LAMPS
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body,or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
www.fairchildsemi.com
4 OF 4
11/27/01 DS300303


▲Up To Search▲   

 
Price & Availability of QL202ID

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X